Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
 

To Download 4721-1809 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 connectors (inlets/outlets) 4721 https://www.schurter.com /pg07 connectors iec appliance outlet f shuttered, screw-on mounting, front side, solder or quick-connect terminal 4721 see below: approvals and compliances f 70 c description - panel mount screw-on mounting from front side - connector shuttered , protection class i , pin temperature 70 c - solder terminals or quick connect terminals weblinks pdf datasheet, html-datasheet, general product information, distributor- stock-check, accessories, detailed request for product technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 2 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation tempe - rature -25 c to 70 c ip-protection from front side ip 30 acc. to iec 60529 insulation cover suitable for appliances with protection class i acc. to iec 61140 terminal solder terminals or quick connect ter - minals panel thickness s screw: max 8 mm mounting screw torque max 0.5 nm material: housing thermoplastic, black, ul 94v-0 appliance inlet/-outlet f acc. to iec 60320-3 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class i approvals and compliances detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in details about approvals approvals the approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products. approval reference type: 4721 approval logo certificates certification body description vde approvals vde vde certificate number: 40030185 ul approvals ul ul file number: e96454 cqc approvals cqc ccc certificate number: 2012010204576598 product standards product standards that are referenced organization design standard description designed according to iec 60320-1 appliance couplers for household and similar general purposes designed according to iec 60320-3 appliance couplers for household and similar general purposes designed according to ul 498 standard for attachment plugs and receptacles designed according to csa c22.2 no. 42 general use receptacles, attachment plugs, and similar wiring devices application standards where the product can be used
2 connectors (inlets/outlets) 4721 https://www.schurter.com /pg07 connectors application standards organization design standard description designed for applications acc. iec/ul 60950 iec 60950-1 includes the basic requirements for the safety of information technology equipment. compliances the product complies with following guide lines identification details initiator description ce declaration of conformity schurter ag the ce marking declares that the product complies with the applicable requirements laid down in the harmonisation of community legislation on its affixing in accordance with eu regulation 765/2008. rohs schurter ag eu directive rohs 2011/65/eu china rohs schurter ag the law sj / t 11363-2006 (china rohs) has been in force since 1 march 2007. it is similar to the eu directive rohs. reach schurter ag on 1 june 2007, regulation (ec) no 1907/2006 on the registration, evaluation, authorization and restriction of chemicals 1 (abbreviated as "reach") entered into force. dimensions [mm] 4721 24.8 min.32.5 40.0 max.r4.0 3.50 30.0 40.0 49.0 6.3 x 90? 3.5 r6.0 2.50 e a e: solder terminals: 28.4 mm e: quick connect terminals 4.8 x 0.8 mm: 31.1 mm e: quick connect terminalse 6.3 x 0.8 mm: 33.2 mm shutter operation: shutters opened by plug insertion shutter operation: shutters closed when plug is removed all variants type panel mounting panel thickness s [mm] terminal order number 4721 screw - quick connect terminals 4.8 x 0.8 mm 4721.0100 4721 screw - quick connect terminals 6.3 x 0.8 mm 4721.0000 4721 screw - solder terminals 4721.0300 most popular. availability for all products can be searched real-time: https://www.schurter.com/en/stock-check/stock-check-schurter class ii product also available on request cord retaining clamps and insulation covers see accessories packaging unit 100 pcs
3 connectors (inlets/outlets) 4721 https://www.schurter.com /pg07 connectors accessories description assorted covers rear cover 0859.0047 cord retaining kits cord retaining strain relief countersunk, d 4700.0004 countersunk, f 4700.0006 mating inlets/plugs category / description plug overview complete iec plug e, cord connector (rewireable), straight, max. cable diameter 8.5 mm 4732 iec plug e, cord connector (rewireable), straight, max. cable diameter 10 mm 4735 iec plug e, cord connector (rewireable), straight 9009 iec plug e, cord connector (rewireable), angled, max. cable diameter 8.5 mm 4733 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 4736 plug further types to 4721 ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 10.09.2018


▲Up To Search▲   

 
Price & Availability of 4721-1809

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X